Part Number Hot Search : 
RGC20DH AMPHENOL AM29DL32 CCLHM100 M6242 1755493 ADM3491 SUR499H
Product Description
Full Text Search
 

To Download XC61AN1501ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XC61A Series
Low Voltage Detectors (0.8V~2.0V)
HP010199
x CMOS x Mini Mold Package x Highly Accurate 2% (1%) x Low Power Consumption 1.0A Typ.
(VIN=2V )
s Applications
q Microprocessor reset circuits q Memory battery back-up circuits q Power-on reset circuits q Power failure detection q System battery life and charge voltage monitors
s General Description
The XC61A is a highly precise detector series manufactured using CMOS and laser trimming technologies. The series is very accurate and offers standard voltage sourced low power consumption.The series consists of hysteresis, output driver, and linear characterised delay circuits, together with a comparator. Detect voltage is extremely accurate with minimal temperature drift. Both CMOS and Nchannel open drain output configurations are available. Integrating the above functions in a single, mini-molded package, the XC61A series offers significant space saving and high-density mounting, suitable for use with portable products.
s Features
Highly accurate: Detect voltage 2% (1% for semi-custom products) Low power consumption: Typ.1.0A (VIN=2V) Selectable detect voltage: 0.8V ~ 2.0V in 0.1V increments. Operating voltage: From 0.7V ~ 6.0V. Temperature Characteristics: Typ.100ppm/: Output configuration: N-channel open drain or CMOS Ultra small package: SOT-23 (150mW) mini-mold and SOT-89 (500mW) mini-power mold
s Pin Configuration
VIN
s Pin Assignment
PIN NUMBER PIN NAME SOT-23 3 2 SOT-89 2 3 1 VIN VSS VOUT Supply voltage input Ground Output FUNCTION
3
1
VOUT
2
VSS
1
VOUT
2
VIN
3
VSS
1
SOT-23
(TOP VIEW)
SOT-89
(TOP VIEW)
s Block Diagram
(1) CMOS output VIN
s Absolute Maximum Ratings
PARAMETER Input Voltage
VOUT
Ta=25: RATINGS 9 UNITS V V mA
SYMBOL VIN VOUT IOUT
Output Voltage
Vref VSS (2) N-channel open drain output VIN VOUT
VSS-0.3 ~ VIN+0.3 50 150
Output Current SOT-23
Continuous Total Power Dissipation
Pd SOT-89 500 Topr Tstg -30 ~ +80 -40 ~ +125
mW
Operating Ambient Temperature
Vref
: :
Storage Temperature
VSS
q-1
4
s Electrical Characteristics
PARAMETER Detect Voltage Hysteresis Range Supply Current SYMBOL VDF VHYS ISS VIN=1.5V =2.0V =3.0V =4.0V =5.0V VDF=0.8~2.0V NCh VDS=0.5V VIN=0.7V VIN=1.0V PCh VDS=3.9V VIN=6.0V (CMOS Output) -30:Topr 80: 0.7 0.35 2.2 -7.5 100 0.2 CONDITIONS MIN VDF!0.98 !0.02 TYP VDF VDF!0.05 0.9 1.0 1.3 1.6 2.0 MAX VDF!1.02 !0.08 2.6 3.0 3.4 3.8 4.2 6.0
Ta=25: UNITS V V A
Operating Voltage
VIN
V
Output Current
IOUT
mA
Temperature Characteristics Delay Time(Release Voltage Output Inversion)
VDF/(Topr VDF) tDLY (VDRVOUT Inversion)
ppm/:
ms
Note: 1. The products that have 1% Detect Voltage (VDF) accuracy are semi-custom products. 2. An additional resistor connected between the VIN pin and the supply voltage may cause alterations in the characteristics due to the increasing values of VDR.
s Notes on Use
Where a resistor (RIN) is connected between VIN and the power supply, use the N-ch open drain configuration. In order to prevent oscillation please ensure that RIN = 1k or less and that C = 0.1F or more.
s Functional Description
The following designators q-y refer to the timing diagram below: qWhen the Input Voltage (VIN) is higher than the Detect Voltage (VDF) level, output at the VOUT pin is equal to VIN. (High impedance exists with the N-channel open drain output configuration). wWhen the Input Voltage (VIN) falls below the Detect Voltage (VDF) level, the Output Voltage (VOUT) is equal to the Ground Voltage (VSS) level. eWhen the Input Voltage (VIN) falls below the Minimum Operating Voltage (VMIN) level, output becomes unstable. In this condition, if there is an output pull-up, VIN will be the output. rWhen the Input Voltage (VIN) rises above the ground voltage (Vss) level, output becomes unstable between the Ground Voltage (VSS) level and the Minimum Operating Voltage (VMIN) level. Between the VMIN and VDR levels the Ground Voltage (Vss) level is maintained. tWhen the Input Voltage (VIN) rises above the Detect Release Voltage (VDR) level, output at the VOUT pin is equal to VIN. (High impedance exists with the N-channel open drain output configuration). yThe difference between VDR and VDF represents the hysteresis range.
RIN
XC61AN Series
VIN VOUT VSS
C
Diagram : Circuit with input resistor connected.
s Timing Diagram
6
INPUT VOLTAGE (VIN) DETECT RELEASE VOLTAGE (VDR) DETECT VOLTAGE (VDF)
MINIMUM OPERATING VOLTAGE (VMIN) GROUND VOLTAGE (VSS) OUTPUT VOLTAGE (VOUT)
GROUND VOLTAGE (VSS)
1 2 3 4 5
5
q-2
XC61A Series
s Ordering Information
XC61Axxxxxxx
a b cde f
Low Voltage Detectors (0.8V~2.0V)
DESIGNATOR a
DESCRIPTION Output Configuration C=CMOS Output N=N-Channel Open Drain Detect Voltage e.g.08=0.8V 11=1.1V Output Delay Standard products have no delay. 0=No Delay (Standard product) Custom products which have customer specified delay time are available.
DESIGNATOR d
DESCRIPTION Detect Accuracy 1=1%(Semi -custom products) 2=2% Package Type M=SOT-23 P=SOT-89 T=TO-92 Device Orientation R=Embossed Tape (Orientation of Device:Right) L=Embossed Tape (Orientation of Device:Left) H=Paper Tape (TO-92) B=Bag (TO-92)
b
e
c
f
s Marking
qConfiguration and Integral Number of Detect Voltage
DESIGNATOR CONFIGURATION VOLTAGE(V) DESIGNATOR CONFIGURATION VOLTAGE(V)
2 4
A
1 2 3 4 1 3
CMOS CMOS CMOS
0.w 1.w 2.w
K L M
N-channel N-channel N-channel
0.w 1.w 2.w
B C
SOT-23
(TOP VIEW)
SOT-89
(TOP VIEW)
wDecimal Point of Detect Voltage
DESIGNATOR VOLTAGE(V) DESIGNATOR VOLTAGE(V) 0 1 2 3 4
q.0 q.1 q.2 q.3 q.4
eOutput Delay Time
DESIGNATOR 0 DELAY TIME (ms) No Delay
Note: Symbol '0' is for standard spec.
5 6 7 8 9
q.5 q.6 q.7 q.8 q.9
rAssembly Lot Number
Based on internal standards
q-3
6
XC61A Series
General Voltage Detectors (2.1V~6.0V)
HP010199
x CMOS x Mini Mold Package x Highly Accurate: 2% (1%) x Low Power Consumption 1.0A Typ.
(VIN=2V )
s Applications
q Microprocessor reset circuits q Memory battery back-up circuits q Power-on reset circuits q Power failure detection q System battery life and charge voltage monitors
s General Description
The XC61A is a highly precise detector series manufactured using CMOS and laser trimming technologies. The series is very accurate and offers standard voltage sourced low power consumption.The series consists of hysteresis, output driver, and linear characterised delay circuits, together with a comparator. Detect voltage is extremely accurate with minimal temperature drift. Both CMOS and Nchannel open drain output configurations are available. Integrating the above functions in a single, mini-molded package, the XC61A series offers significant space saving and high-density mounting, suitable for use with portable products.
s Features
Highly accurate: Detect voltage 2% (1% for semi-custom products) Low power consumption: Typ.1.0A (VIN=2V) Selectable detect voltage: Range 2.1V ~ 6.0V in 0.1V increments. Operating voltage: From 0.7V ~ 10.0V. Temperature Characteristics: Typ.100ppm/: Output configuration: N-channel open drain or CMOS Ultra small package: SOT-23 (150mW) mini-mold SOT-89 (500mW) mini-power mold *TO-92 (300mW) packages also available. (order basis)
s Pin Configuration
VIN
s Pin Assignment
PIN NUMBER PIN NAME SOT-23 3 2 SOT-89 2 3 1 VIN VSS VOUT Supply voltage input Ground Output FUNCTION
3
1
VOUT
2
VSS
1
VOUT
2
VIN
3
VSS
1
SOT-23
(TOP VIEW)
SOT-89
(TOP VIEW)
s Block Diagram
(1) CMOS output VIN
s Absolute Maximum Ratings
PARAMETER Input Voltage Output Voltage SYMBOL VIN VOUT IOUT RATINGS 12 VSS-0.3 ~ VIN+0.3 50 150 Pd SOT-89 Topr Tstg 500 -30 ~ +80 -40 ~ +125
Ta=25: UNITS V V mA
VOUT
Vref VSS (2) N-channel open drain output VIN VOUT
Output Current SOT-23
Continuous Total Power Dissipation
mW
Operating Ambient Temperature
Vref
: :
Storage Temperature
VSS
7
q-4
XC61A Series
s Electrical Characteristics
PARAMETER Detect Voltage Hysteresis Range Supply Current SYMBOL VDF VHYS ISS
General Voltage Detectors (2.1V ~ 6.0V)
Ta=25: CONDITIONS MIN VDF!0.98 !0.02 VIN=1.5V =2.0V =3.0V =4.0V =5.0V VDF=2.1~6.0V NCh VDS=0.5V VIN=1.0V =2.0V =3.0V =4.0V =5.0V N-Ch VDS=2.1V VIN=8.0V (CMOS Output) -30:Topr 80: 0.7 2.2 7.7 10.1 11.5 13.0 -10.0 100 0.2 ppm/: ms TYP VDF !0.05 0.9 1.0 1.3 1.6 2.0 MAX VDF!1.02 !0.08 2.6 3.0 3.4 3.8 4.2 10.0 UNITS V V A
Operating Voltage
VIN
V
Output Current
IOUT
mA
Temperature Characteristics Delay Time(Release Voltage Output Inversion)
VDF/(Topr VDF)
tDLY
(VDRVOUT Inversion)
Note: 1. The products that have 1% Detect Voltage (VDF) accuracy are semi-custom products. 2. An additional resistor connected between the Vin pin and the supply voltage may cause alterations in the characteristics due to the increasing values of VDR.
s Notes on Use
Where a resistor (RIN) is connected between VIN and the power supply, use the N-ch open drain configuration. In order to prevent oscillation please ensure that RIN = 1k or less and that C = 0.1F or more.
s Functional Description
The following designators q-y refer to the timing diagram below: qWhen the Input Voltage (VIN) is higher than the Detect Voltage (VDF) level, output at the VOUT pin is equal to VIN. (High impedance exists with the N-channel open drain output configuration). wWhen the Input Voltage (VIN) falls below the Detect Voltage (VDF) level, the Output Voltage (VOUT) is equal to the Ground Voltage (VSS) level. eWhen the Input Voltage (VIN) falls below the Minimum Operating Voltage (VMIN) level, output becomes unstable. In this condition, if there is an output pull-up, VIN will be the output. rWhen the Input Voltage (VIN) rises above the ground voltage (Vss) level, output becomes unstable between the Ground Voltage (VSS) level and the Minimum Operating Voltage (VMIN) level. Between the VMIN and VDR levels the Ground Voltage (Vss) level is maintained. tWhen the Input Voltage (VIN) rises above the Detect Release Voltage (VDR) level, output at the VOUT pin is equal to VIN. (High impedance exists with the N-channel open drain output configuration). yThe difference between VDR and VDF represents the hysteresis range.
RIN
XC61AN Series
VIN VOUT VSS
C
Diagram : Circuit with input resistor connected.
s Timing Diagram
6
INPUT VOLTAGE (VIN) DETECT RELEASE VOLTAGE (VDR) DETECT VOLTAGE (VDF)
MINIMUM OPERATING VOLTAGE (VMIN) GROUND VOLTAGE (VSS) OUTPUT VOLTAGE (VOUT)
GROUND VOLTAGE (VSS)
1 2 3 4 5
q-5
8
s Ordering Information
XC61Axxxxxxx
a b cde f
DESIGNATOR a
DESCRIPTION Output Configuration C=CMOS Output N=N-Channel Open Drain Detect Voltage e.g.25=2.5V 38=3.8V Output Delay Standard products have no delay. 0=No Delay (Standard product) Custom products which have customer specified delay time are available.
DESIGNATOR d
DESCRIPTION Detect Accuracy 1=1% (Semi -custom products) 2=2% Package Type M=SOT-23 P=SOT-89 T=TO-92 Device Orientation R=Embossed Tape (Orientation of Device:Right) L=Embossed Tape (Orientation of Device:Left) H=Paper Tape (TO-92) B=Bag (TO-92)
b
e
c
f
s Marking
qConfiguration and Integral Number of Detect Voltage
DESIGNATOR CONFIGURATION VOLTAGE(V) DESIGNATOR CONFIGURATION VOLTAGE(V)
2 4
A
1 2 3 4 1 3
CMOS CMOS CMOS CMOS CMOS CMOS CMOS
0.w 1.w 2.w 3.w 4.w 5.w 6.w
K L M N P R S
N-channel N-channel N-channel N-channel N-channel N-channel N-channel
0.w 1.w 2.w 3.w 4.w 5.w 6.w
B C
SOT-23
(TOP VIEW)
SOT-89
(TOP VIEW)
D E F H
wDecimal Point of Detect Voltage
DESIGNATOR VOLTAGE(V) DESIGNATOR VOLTAGE(V) 0 1 2 3 4 q.0 q.1 q.2 q.3 q.4 5 6 7 8 9 q.5 q.6 q.7 q.8 q.9
eOutput delay time
DESIGNATOR 0 DELAY TIME (ms) No Delay
Note: Symbol '0' is Standard spec.
rAssembly Lot Number
Based on internal standards.
9
q-6
XC61A Series
s XC61AC Characteristics
(1) SUPPLY CURRENT vs. INPUT VOLTAGE
General Voltage Detectors (2.1V~6.0V)
XC61AC2702 (2.7V)
4 SUPPLY CURRENT ISS[A] SUPPLY CURRENT ISS[A] 3
XC61AC3602 (3.6V)
4 25: 2 Ta=80: SUPPLY CURRENT ISS[A]
XC61AC4502 (4.5V)
3 Ta=80: 2
25:
3
Ta=80:
2
-30: 1
1
-30:
1
-30:
25:
0 0 1 2 3 4 5 6 7 8 9 10 INPUT VOLTAGE VIN (V)
0 0 1 2 3 4 5 6 7 8 9 10 INPUT VOLTAGE VIN (V)
0 0 1 2 3 4 5 6 7 8 9 10 INPUT VOLTAGE VIN (V)
(2) DETECT & RELEASE VOLTAGE vs. TEMPERATURE
XC61AC2702 (2.7V)
3.0
DETECT VOLTAGE:VDF & RELEASE VOLTAGE:VDR
XC61AC3602 (3.6V)
3.9
DETECT VOLTAGE:VDF & RELEASE VOLTAGE:VDR
XC61AC4502 (4.5V)
4.9
DETECT VOLTAGE:VDF & RELEASE VOLTAGE:VDR
2.9 VDR (V) 2.8 2.7 2.6 2.5 -40
3.8 3.7 3.6
VDR
4.8 VDR 4.7 4.6 4.5 4.4 -40 VDF
VDF(V)
VDF
3.5 3.4 -40
1
-20
0
20
40
60
80
-20
0
20
40
60
80
-20
0
20
40
60
80
AMBIENT TEMPERATURE: Ta (:)
AMBIENT TEMPERATURE: Ta (:)
AMBIENT TEMPERATURE: Ta (:)
(3) OUTPUT VOLTAGE vs. INPUT VOLTAGE
4 OUTPUT VOLTAGE:VOUT[V]
XC61AC2702 (2.7V)
OUTPUT VOLTAGE:VOUT[V] Ta= 80: 25: -30:
5 4 3 2 1 0
XC61AC3602 (3.6V)
OUTPUT VOLTAGE:VOUT[V] Ta= 80: 25: -30:
6 5 4 3 2 1 0
XC61AC4502 (4.5V)
Ta= 80: 25: -30:
3
2
1
0 0 1 2 3 4 INPUT VOLTAGE: VIN (V)
0
1
2
3
4
5
0
1
2
3
4
5
6
INPUT VOLTAGE: VIN (V)
INPUT VOLTAGE: VIN (V)
q-7
10
s XC61AC Characteristics
(4) N-CH DRIVER OUTPUT CURRENT vs. VDS
XC61AC2702 (2.7V)
OUTPUT CURRENT:IOUTNch[mA] OUTPUT CURRENT:IOUTNch[mA] 40 50 40 30 20 10 0 0.0
XC61AC3602 (3.6V)
OUTPUT CURRENT:IOUTNch[mA] 80 70 60 50 40 30 20 10 0 0 VIN=3.0V
XC61AC4502 (4.5V)
VIN=4.0V 3.5V 3.0V 2.5V 2.0V 1.5V 1 2 VDS (V) 3 4
30
VIN=2.5V
2.5V
20 2.0V 10 1.5V 0 0.0 0.5 1.0 1.5 VDS (V) 2.0 2.5 3.0
2.0V 1.5V
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VDS (V)
XC61AC2702 (2.7V)
1000 OUTPUT CURRENT:IOUTNch[A] 800 600 400 0.7V 200 0 0.0 1000 OUTPUT CURRENT:IOUTNch[A] 800 600 400 200 0 0.0
XC61AC3602 (3.6V)
1000 OUTPUT CURRENT:IOUTNch[A] VIN=0.8V 800 600 400
XC61AC4502 (4.5V)
VIN=0.8V
VIN=0.8V
0.7V
0.7V 200 0 0.0
0.2
0.4
0.6
0.8
1.0
0.2
0.4
0.6
0.8
1.0
0.2
0.4
0.6
0.8
1.0
VDS (V)
VDS (V)
VDS (V)
(5) N-CH DRIVER OUTPUT CURRENT vs. INPUT VOLTAGE
XC61AC2702 (2.7V)
20 OUTPUT CURRENT:IOUTNch[mA] OUTPUT CURRENT:IOUTNch[mA] VDS=0.5V 15 Ta=30: 25: 10 80: 20
XC61AC3602 (3.6V)
25 Ta=30: 25: OUTPUT CURRENT:IOUTNch[mA] VDS=0.5V 15
XC61AC4502 (4.5V)
VDS=0.5V 20 25: 15 10 5 0 80: Ta=30:
10 80: 5
5
0 0.0
0 0.5 1.0 1.5 2.0 2.5 3.0 0 1 2 3 4 INPUT VOLTAGE: VIN (V) INPUT VOLTAGE: VIN (V)
0
1
2
3
4
5
INPUT VOLTAGE: VIN (V)
11
q-8
XC61A Series
General Voltage Detectors (2.1V~6.0V)
(6) P-CH DRIVER OUTPUT CURRENT VS. INPUT CURRENT
XC61AC2702 (2.7V)
OUTPUT CURRENT:IOUTpch[mA] OUTPUT CURRENT:IOUTpch[mA]
10 VDS=2.1V 8 1.5V 6 1.0V 4 0.5V 2 0 0 1 2 3 4 5 6 7 8 9 10 INPUT VOLTAGE VIN (V) 12
XC61AC3602 (3.6V)
VDS=2.1V 8 1.5V 6 1.0V 4 0.5V 2 0 0 1 2 3 4 5 6 7 8 9 10 INPUT VOLTAGE VIN (V)
XC61AC4502 (4.5V)
OUTPUT CURRENT:IOUTpch[mA]
12 10 8 6 4 0.5V 2 0 0 1 2 3 4 5 6 7 8 9 10 INPUT VOLTAGE VIN (V) VDS=2.1V 1.5V 1.0V
q-9
12


▲Up To Search▲   

 
Price & Availability of XC61AN1501ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X